Part Number Hot Search : 
NDUA116T 64320 BST86 D15SB60 HVC0402 102M1 NTE1052 2SK2110
Product Description
Full Text Search
 

To Download JANTX1N4454 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode
Applications
1N4454, 1N4454-1
DO-35 Glass Package
Used in general purpose applications, where performance and switching speed are important.
DO-35 Glass Package L a dDa . e i 0. 1 - . 2 " 0 80 0 2 0. 5 - . 5 m m 4 80 5 8
Features
Six sigma quality Metallurgically bonded 1.0" Length BKC's Sigma BondTM plating 25.4 mm mm (Min.) for problem free solderability LL-34/35 MELF SMD available Full approval to Mil-S-19500 /144 Available up to JANTXV-1 levels "S" level screening available to Source Control Drawings
0.120-.200" 3.05-5.08-
Dia.
0.06-0.09"
15 - . 8m m . 322
Maximum Ratings Peak Inverse Voltage @ 5A & 0.1A @ -55 C Average Rectified Current Continuous Forward Current Peak Surge Current (tpeak = 1 sec.) Power Dissipation TL= 50 C, L = 3/8" from body Operating Temperature Range Storage Temperature Range Electrical Characteristics @ 25 oC* Forward Voltage @ IF= 10 mA Breakdown Voltage @ IR = 5 A Reverse Leakage Current @ VR = 50 V Reverse Leakage Current @ VR = 50 V, T=150 o C Capacitance @ VR = 0 V, f = 1mHz Reverse Recovery Time (note 1)/(note 2) Forward Recovery Voltage (note 3)
o o
Symbol PIV IAvg IFdc Ipeak Ptot TOp TSt Symbol VF PIV IR IR CT trr Vfr
Value 75 (Min.) 200 300 1.0 500 200 -65 to +200 Limits 1.0(max) 75 (min) 0.1 (max) 100 (max) 2.0 (max) 2.0/4.0 (max) 3.0 (max)
Unit Volts mAmps mAmps Amp mWatts
o o
C C
Unit Volts Volts A A pF nSecs Volts
Note 1: Per Method 4031-A with IF = IR = 10 mA, RL = 100 Ohms, C = 3 Pf. Note 2: Per Method 4031-A with IF = 10 mA, RL = 100 Ohms, Vr = 6 V, Recover to 1.0 mA. Note 3: Per Method 4026 with IF = 100 mA, RL = 50 Ohms,Peak Square wave ,100 nSec Pulse Width, tr<30 nSec,repetition Rate = 5 - 100 KHz. * Unless Otherwise Specified
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135
DO-35 DERATING (175 C Tj)
DO-35 POWER DERATING CURVE
500
Power Dissipated (MilliWatts)
400
300
200
100
0 0 20 40 60 80 100 120 140 160 180
Temperature ( 3/8" from body) C
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135


▲Up To Search▲   

 
Price & Availability of JANTX1N4454

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X